Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
MicroPower Direct, LLC |
MG800RW
|
672Kb / 3P |
Compact, 8W 2:1 Input, MiniDIP DC/DC Converters
|
G200RW
|
164Kb / 2P |
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
|
MG600RU
|
462Kb / 2P |
Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
|
G200E
|
199Kb / 2P |
Low Cost, 2W Compact MiniDIP DC/DC Converters
|
MG200MRRI4
|
235Kb / 2P |
Medical Approved Compact MiniDIP, 2W DC/DC Converters
|
G200I
|
77Kb / 2P |
Compact MiniDIP, 2W High Isolation DC/DC Converters
|
MR0802S-03RUI
|
569Kb / 2P |
Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Converters
|
G200
|
75Kb / 2P |
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
|
MHI200GRI8
|
484Kb / 2P |
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
|
Toppower Electronic Tec... |
TP08DA
|
196Kb / 4P |
8W Wide Input Voltage DC/DC Converters
|