Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPB933L51Z Datasheet (PDF) - TT Electronics.

OPB933L51Z Datasheet PDF - TT Electronics.
No. de pieza OPB933L51Z
Descarga  OPB933L51Z Descarga

Tamaño del archivo   751.76 Kbytes
Page   9 Pages
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Descripción Electrónicos Slotted Optical Switch

OPB933L51Z Datasheet (PDF)

Go To PDF Page Descarga Datasheet
OPB933L51Z Datasheet PDF - TT Electronics.

No. de pieza OPB933L51Z
Descarga  OPB933L51Z Click to download

Tamaño del archivo   751.76 Kbytes
Page   9 Pages
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Descripción Electrónicos Slotted Optical Switch

OPB933L51Z Datasheet (HTML) - TT Electronics.

OPB933L51Z Datasheet HTML 1Page - TT Electronics. OPB933L51Z Datasheet HTML 2Page - TT Electronics. OPB933L51Z Datasheet HTML 3Page - TT Electronics. OPB933L51Z Datasheet HTML 4Page - TT Electronics. OPB933L51Z Datasheet HTML 5Page - TT Electronics. OPB933L51Z Datasheet HTML 6Page - TT Electronics. OPB933L51Z Datasheet HTML 7Page - TT Electronics. OPB933L51Z Datasheet HTML 8Page - TT Electronics. OPB933L51Z Datasheet HTML 9Page - TT Electronics.

OPB933L51Z Detalles de producto

Description:
The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins (L Series) or 24” (610 mm) AWG, UL listed wire leads (W Series).
All housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity to both visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device throat) are either IR transmissive plastic (for applications where aperture contamination may occur) or opaque plastic (for maximum protection against ambient light).
Electrical output can be specified as either TTL Totem Pole or TTL Open Collector, either of which can be supplied with buffer or inverter output polarity. All devices have the added stability of a built-in hysteresis amplifier.

Features:
• Choice of aperture size
• Choice of output configurations
• Choice of opaque or IR transmissive shell
• Choice of pins (L) or wires (W)
• 0.125” (3.18 mm) slot width
• 0.320” (8.128 mm) lead spacing for PCBoard (side mounting)
• Data rates to 250 kBaud

Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication




Número de pieza similar - OPB933L51Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTEK Technologies
OPB933L51 OPTEK-OPB933L51 Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
More results


Descripción similar - OPB933L51Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com